Part Number Hot Search : 
M5281 ADTR2 2222L TC144E SAB80 AD943 M013TR 216125
Product Description
Full Text Search
 

To Download PTS645-S-M-43-TR-LFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PTS645-TR Series 6 mm Radial Tact Switches
Features/Benefits * Radial taping * Thru-hole or vertical actuation * From 130 to 260 grams
actuation force * RoHS compliant and compatible
Typical Applications * Consumer products * Instrumentation * Computer product * Industrial
B Tactile Switches
Specification
FUNCTION: Momentary action CONTACT ARRANGEMENT: SPST, N.O. TERMINALS: PC pins
Process
SOLDERING: Preheating to 100C for 45 sec. max. Keep flux flush with top surface of PCB; do not apply to component side of PCB and area where terminals are located. Soldering to 255C for 5 sec. max. Clean by brushing on solder surface. Do not clean switch with solvents.
Mechanical
ACTUATION FORCE: PTS645 models: 130 grams, 160 grams, 200 grams, 260 grams LIFE EXPECTANCY: 100,000 operations.
Materials
BASE: 6/6 nylon or glass filled polyester (PBT) (UL 94V-0). ACTUATOR: PPO (UL94V0) COVER PLATE: PTS645S: Stainless steel tin plate. PTS645V: Tin alloy or stainless steel. DOME CONTACTS: Phosphor bronze, silver clad. STATIONARY CONTACTS: Brass, silver plated. TERMINALS: Brass, silver plated. Insert molded.
Electrical
CONTACT RATING: 50 mA @ 12 V DC. DIELECTRIC STRENGTH: 250 V AC min. CONTACT RESISTANCE: 100 m max. initial. INSULATION RESISTANCE: 1011 min.
Environmental
OPERATING TEMPERATURE: -20C to 70C STORAGE TEMPERATURE: -30C to 80C
NOTE: Specifications listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Packaging
Radial taping in carton box, 1000 pieces, 750 pieces for right angle.
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired option from each category and and place it in the appropriate box.
P
T
S
6
4
5
T
R
L
F
S RoHS compliant and compatible. Silver plated.
Termination S Thru-hole V Vertical Actuation Force M (STD) 160 grams L 130 grams H 200 grams K 260 grams
Insertion Type TR Radial taping Actuator Height 43 4,3 (.169), thru-hole 50 5,0 (.197), thru-hole 70 7,0 (.275), thru-hole 95 9,5 (.374), thru-hole 39 3,85 (.151), vertical 48 4,75 (.187), vertical
Dimensions shown in: mm (inch) Specifications and dimensions subject to change
B-55
www.ittcannon.com
PTS645-TR Series 6 mm Radial Tact Switches
SERIES
PTS645
6,0 SQ. (236)
B Tactile Switches
3,6 (.142)
o3,5 (.138)
DIM "H" 0,90 TYP. (.036)
0,70 TYP. (.028)
0,30 THK. x 0,50 (.012 X .020) TYP.
5,0 (.197)
TERMINATION
S
THRU-HOLE
6,0 SQ. (236)
V
VERTICAL
o3,5 (.138)
DIM "H" 0,90 TYP. (.036)
o3,3 (.130)
0.5 MAX. (.019)
6,2 (.244)
7,4 (.291)
3,6 (.142)
0,70 TYP. (.028)
o3,5 (.138)
4,0 (.157) DIM "H" 0,3 (.012) 1,0 (.039) 0,7 TYP (.028) 4,0 (.157)
0,5 (.020)
0,30 THK. x 0,50 (.012 X .020) TYP.
5,0 (.197) o1,0 TYP. (.039)
PCB LAYOUT
4,0 (.157)
PCB LAYOUT
o1,0 TYP. (.039) 5,0 (.197)
5,0 (.197)
ACTUATION FORCE
OPTION CODE FORCE 130 grams 160 grams 200 grams 260 grams
L M H K
Dimensions shown in: mm (inch) Specifications and dimensions subject to change
B-56
www.ittcannon.com
PTS645-TR Series 6 mm Radial Tact Switches
ACTUATOR HEIGHT
43
4,3 mm
50
5,0 mm
70
7,0 mm
95
9,5 mm
4,3 (.169)
5,0 (.197)
7,0 (.275)
9,5 (.374)
B Tactile Switches
39
3,85 mm
48
4,75 mm
INSERTION TYPE
TR
RADIAL TAPING
ADHESIVE BACKED TAPE
1,0 MAX. (.039) 18,0 (.709)
9,0 (.354) 18,0 (.709)
o4,0 THRU (.157) TYP. CARRIER TAPE 5,0 (.197) 6,35 TYP. (.250) 12,70 TYP. (.500) PITCH TO NEXT SWITCH
Dimensions shown in: mm (inch) Specifications and dimensions subject to change
B-57
www.ittcannon.com
PTS645-TR Series 6 mm Radial Tact Switches
TR
RADIAL TAPING
6,2 (.244)
7,4 (.291)
B Tactile Switches
0,7 TYP (.028) 0,5 (.020) 18,00 (.709) 9,00 (.354) 18,00 (.709) o4,00 (.157) CARRIER TAPE THRU TYP. 0,9 (.035) 0,4 (.015) 28,1 (1.106) 18,0 (.709)
ADHESIVE BACKED TAPE
5,00 (.197) 6,35 (.250) TYP 12,70 TYP (.500) PITCH TO NEXT SWITCH
7,0 (.276)
Dimensions shown in: mm (inch) Specifications and dimensions subject to change
B-58
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of PTS645-S-M-43-TR-LFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X